PART |
Description |
Maker |
HSMP-489B |
Surface Mount PIN Diodes in SOT-323(表贴PIN 二极管(SOT-323 封装 PIN二极管表面贴装采SOT - 323(表贴型的PIN二极管(采用SOT - 323封装))
|
Bourns, Inc.
|
BAT54SW |
SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Rectron Semiconductor
|
DDTC122TU DDTCXXXXU DDTC142JU DDTC122LU DDTC142TU |
NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTC114TUA DDTC114TUA-13-F DDTC113TUA-13-F DDTC115 |
NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTA143EUA-7 DDTA144EUA-7 DDTA124EUA-7 |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTA142JU |
(DDTAxxxU) PNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
M1MA141KT1 ON0324 M1MA142KT1 M1MA141KT1_D |
From old datasheet system SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
DDTA115GUA DDTA114GUA DDTA124GUA DDTA144GUA |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 进步党预偏置信号小的SOT - 323表面贴装晶体
|
Diodes Incorporated Diodes, Inc. Diodes Inc.
|
PD3S160 PD3S160-7 |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
|
DIODES[Diodes Incorporated]
|
DDTC113ZUA2 DDTC144WUA DDTC114YUA-7-F DDTC123YUA-7 |
Prebiased Transistors NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
2SC4863 2SC4863-5 2SC4863-3 |
TRANSISTOR | BJT | NPN | 8V V(BR)CEO | 70MA I(C) | SOT-323 晶体管|晶体管|叩| 8V的五(巴西)总裁|提供70mA一(c)|SOT - 323 VHF to UHF Wide-Band Low-Noise Amp Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
RB751V-40 |
200mW SOD-323 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|